PART |
Description |
Maker |
STM32F417ZG STM32F417IG STM32F415RG STM32F415XX ST |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator, HW crypto ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM
|
ST Microelectronics STMicroelectronics
|
STM32F100VCT6 STM32F100VCT6BTR STM32F100VCT7BTR ST |
Mainstream Value line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 256 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 24 MHz CPU, motor control and CEC functions High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes, 24 MHz CPU, motor control and CEC functions
|
ST Microelectronics STMicroelectronics N.V.
|
STM32L151VBH6 STM32L151VBH6D STM32L152VBH6 STM32L1 |
Ultra-low-power ARM Cortex-M3 MCU with 128 Kbytes Flash, 32 MHz CPU, USB Ultra-low-power Cortex-M3 MCU with 128 Kbytes Flash, RTC, LCD, USB Ultra-low-power ARM Cortex-M3 MCU with 64 Kbytes Flash, 32 MHz CPU, USB
|
ST Microelectronics
|
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
LPC1104UK |
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
|
NXP Semiconductors
|
HT32F0008 |
32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
|
Holtek Semiconductor In...
|
STM32F042F4P6 STM32F042F4P6TR STM32F042F6 STM32F04 |
Enry-level ARM Cortex-M0 MCU with 16 Kbytes Flash, 48 MHz CPU, USB, CAN and CEC functions Entry-level ARM Cortex-M0 MCU with 32 Kbytes Flash, 48 MHz CPU, USB, CAN and CEC functions
|
ST Microelectronics
|
LPC11CX4 LPC11C22FBD48-301 LPC11C14FBD48-301 LPC11 |
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
|
NXP Semiconductors
|
STM32F101T8U6TR STM32F101VBT6 STM32F101VBT6TR STM3 |
Mainstream Access line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 36 MHz CPU Mainstream Access line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 36 MHz CPU
|
ST Microelectronics
|
MBN52832 MBN52832DK |
Built-in ARM Cortex M4 core with 64KB RAM and 512KB flash
|
Murata Manufacturing Co...
|
STM32F439BG STM32F439AIH6 STM32F439ZG STM32F439ZGT |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, HW crypto, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbyes Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU ith 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM
|
ST Microelectronics
|
|